Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20136MH/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM20136MH/NOPB
Description  LM20136 6A, Synchronous Buck Regulator with Input Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20136MH/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM20136MH/NOPB Datasheet HTML 17Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 18Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 19Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 20Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 21Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 22Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 23Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 24Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SS/TRK
VOUT1
R1
R2
EN
LM20136
External
Power Supply
VOUT2
RA =
- 1
VTO
VIH_EN
x RB
EN
VOUT1
RA
RB
LM20136
External
Power Supply
VOUT2
LM20136
www.ti.com
SNVS564B – JANUARY 2009 – REVISED APRIL 2013
Using Precision Enable and Power Good
The precision enable(EN) and power good(PGOOD) pins of the LM20136 can be used to address many
sequencing requirements. The turn-on of the LM20136 can be controlled with the precision enable pin by using
two external resistors as shown in Figure 34
Figure 34. Sequencing LM20136 with Precision Enable
The value for resistor RB can be selected by the user to control the current through the divider. Typically this
resistor will be selected to be between 10 k
Ω and 1 MΩ. Once the value for RB is chosen the resistor RA can be
solved using the equation below to set the desired turn-on voltage.
(12)
When designing for a specific turn-on threshold (VTO) the tolerance on the input supply, enable threshold
(VIH_EN), and external resistors needs to be considered to insure proper turn-on of the device.
The LM20136 features an open drain power good (PGOOD) pin to sequence external supplies or loads and to
provide fault detection. This pin requires an external resistor (RPG) to pull PGOOD high while when the output is
within the PGOOD tolerance window. Typical values for this resistor range from 10 k
Ω to 100 kΩ.
Tracking an External Supply
By using a properly chosen resistor divider network connected to the SS/TRK pin, as shown in Figure 35, the
output of the LM20136 can be configured to track an external voltage source to obtain a simultaneous or
ratiometric start up.
Figure 35. Tracking an External Supply
Since the Soft-Start charging current ISS is always present on the SS/TRK pin, the size of R2 should be less than
10 k
Ω to minimize the errors in the tracking output. Once a value for R2 is selected the value for R1 can be
calculated using appropriate equation in Figure 36, to give the desired start up. Figure 36 shows two common
start up sequences; the top waveform shows a simultaneous start up while the waveform at the bottom illustrates
a ratiometric start up.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com