Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34910CSDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM34910CSDX/NOPB
Description  High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34910CSDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM34910CSDX/NOPB Datasheet HTML 1Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 2Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 3Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 4Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 5Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
BST
ISEN
SGND
RTN
RON/SD
SS
FB
SW
1
2
3
4
5
10
9
8
7
6
VCC
VIN
LM34910C
www.ti.com
SNVS517B – MAY 2007 – REVISED MARCH 2013
LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
Check for Samples: LM34910C
1
FEATURES
DESCRIPTION
The LM34910C Step Down Switching Regulator
2
•
Integrated 55V, N-Channel Buck Switch
features all of the functions needed to implement a
•
Integrated Start-Up Regulator
low cost, efficient, buck bias regulator capable of
•
Input Voltage Range: 8V to 50V
supplying 1.25A to the load. This buck regulator
contains a 55V N-Channel Buck Switch, and is
•
No Loop Compensation Required
available
in
the
thermally
enhanced
WSON-10
•
Ultra-Fast Transient Response
package. The hysteretic regulation scheme requires
•
Operating Frequency Remains Constant with
no loop compensation, results in fast load transient
Load Current and Input Voltage
response, and simplifies circuit implementation. The
operating frequency remains constant with line and
•
Maximum Duty Cycle Limited During Start-Up
load
variations
due
to
the
inverse
relationship
•
Adjustable Output Voltage
between the input voltage and the on-time. The
•
Valley Current Limit At 1.25A
current limit detection is set at 1.25A. Additional
features include: VCC under-voltage lockout, thermal
•
Precision Internal Reference
shutdown, gate drive under-voltage lockout, and
•
Low Bias Current
maximum duty cycle limiter.
•
Highly Efficient Operation
•
Thermal Shutdown
Package
•
WSON-10 (4 mm x 4 mm)
TYPICAL APPLICATIONS
•
Exposed
Thermal
Pad
For
Improved
Heat
Dissipation
•
High Efficiency Point-Of-Load (POL) Regulator
•
Non-Isolated Telecommunication Buck
Regulator
•
Secondary High Voltage Post Regulator
Connection Diagram
10-Lead WSON
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34910CSDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34910CSDX/NOPB TI2-LM34910CSDX/NOPB Datasheet
536Kb / 21P
LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
REVISED MARCH 2013
LM34910CSDX/NOPB.A TI2-LM34910CSDX/NOPB.A Datasheet
536Kb / 21P
LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
REVISED MARCH 2013
LM34910CSDX/NOPB.B TI2-LM34910CSDX/NOPB.B Datasheet
536Kb / 21P
LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
REVISED MARCH 2013
More results

Similar Description - LM34910CSDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com