Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE367 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE367
Description  SMA Male to SMA Male Right Angle Test
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE367 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE367 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE367 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE367 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE367 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Cable Assembly
Diameter
0.63 in [16 mm]
.
Weight
0.03 lbs [13.61 g]
One Time Minimum Bend Radius
0.24 in [6.1 mm]
Repeated Minimum Bend Radius
0.8 in [20.32 mm]
Typical Flex Cycles
10,000
Cable
Cable Type
PE-P160
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper
Shield Layer 2
Aluminum Tape
Shield Layer 3
Silver Plated Copper
Jacket Material
ETFE, Gray
Jacket Diameter
0.16 in [4.06 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male Right Angle
Specification
MIL-STD-348. Figure 310-1
MIL-PRF-39012. Fig. 310-1
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
ASTM-B488 50µ In. Minimum
ASTM-B488 50µ In. Minimum
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Hex Size
5/16 Inch
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
PE367 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Test Cable Using PE-P160 Coax, RoHS PE367
RF Cable Assemblies Technical Data Sheet
PE367
SMA Male to SMA Male Right Angle Test
Cable Using PE-P160 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com