Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE367 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE367
Description  SMA Male to SMA Male Right Angle Test
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE367 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE367 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE367 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE367 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE367 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male Right Angle
• Cable Type: PE-P160
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
78
%
RF Shielding
90
dB
Capacitance
26 [85.3]
pF/ft [pF/m]
Inductance
66 [216.54]
uH/ft [uH/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
3
6
12
18
GHz
Insertion Loss (Max.)
0.13
0.23
0.33
0.48
0.6
dB/ft
[0.43]
[0.75]
[1.08]
[1.57]
[1.97]
[dB/m]
Power Handling (Max.)
1.07
620
420
290
200
Watts
.
Electrical Specification Notes:
Insertion Loss does not include connector loss: Straight SMA 0.17 dB per connector @ 18 GHz, RA SMA 0.25 dB per
connector @ 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Test Cable Using PE-P160 Coax, RoHS PE367
PE367 REV 1.0
SMA Male to SMA Male Right Angle Test
Cable Using PE-P160 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE367


Similar Part No. - PE367

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE367-100CM PASTERNACK-PE367-100CM Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE367-150CM PASTERNACK-PE367-150CM Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE367-36 PASTERNACK-PE367-36 Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE367-48 PASTERNACK-PE367-48 Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE3671 PASTERNACK-PE3671 Datasheet
270Kb / 1P
CABLE ASSEMBLY RG188A/U BNC MALE TO SMB PLUG
More results

Similar Description - PE367

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9273 PASTERNACK-PE9273 Datasheet
251Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
SMA Male to SMA Male Right Angle Adapter
PE9273 PASTERNACK-PE9273 Datasheet
251Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter
logo
List of Unclassifed Man...
5065 ETC2-5065 Datasheet
172Kb / 1P
SMA MALE TO SMA MALE RADIUS RIGHT ANGLE ADAPTER
logo
Pasternack Enterprises,...
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
SMA Male to SMA Male Right Angle Adapter
PE35422 PASTERNACK-PE35422 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle
PE35422-6 PASTERNACK-PE35422-6 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Precision
PE35422-18 PASTERNACK-PE35422-18 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Precision
PE35422-60 PASTERNACK-PE35422-60 Datasheet
230Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Precision
PE35422-72 PASTERNACK-PE35422-72 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Precision
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com