Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60KG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N60KG-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60KG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  7N60KG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7N60K-MTQ
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R205-025.f
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
7
A
Continuous Drain Current
ID
7
A
Pulsed Drain Current (Note 2)
IDM
24.8
A
Single Pulsed (Note 3)
EAS
340
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
2.8
ns
TO-220
142
W
TO-220F/TO-220F1
TO-220F2
48
W
Power Dissipation
TO-252
PD
59
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 18.33mH, IAS = 7A, VDD = 90V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 7A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220/TO-220F
TO-220F1/TO-220F2
62.5
°C/W
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220
0.88
°C/W
TO-220F/TO-220F1
TO-220F2
2.6
°C/W
Junction to Case
TO-252
θJC
2.1
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com