Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60KG-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 7N60KG-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60KG-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  7N60KG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7N60KG-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7N60K-MTQ
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R205-025.f
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
600
V
VDS=600V, VGS=0V
10
μA
Drain-Source Leakage Current
IDSS
VDS=480V, VGS=0V, TJ =125°C
10
μA
Forward
VG=30V, VDS=0V
100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100
nA
Breakdown Voltage Temperature
Coefficient
△
BVDSS/△TJ ID=250μA, Referenced to 25°C
0.53
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.5A
1.4
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
540
pF
Output Capacitance
COSS
97
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0 MHz
11
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
60
ns
Turn-On Rise Time
tR
66
ns
Turn-Off Delay Time
tD(OFF)
120
ns
Turn-Off Fall Time
tF
VDD=30V, ID =0.5A, RG =25Ω
(Note 1, 2)
64
ns
Total Gate Charge
QG
23
28
nC
Gate-Source Charge
QGS
6.7
nC
Gate-Drain Charge
QGD
VDS=50V, ID=1.3A, VGS=10V
IG=100μA (Note 1, 2)
5.7
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=7A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
7
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
28
A
Body Diode Reverse Recovery Time
tRR
ISD=7A, dIS/dt=100A/µs
368
ns
Body Diode Reverse Recovery Charge
QRR
3.5
nC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com