Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60KL-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 10N60KL-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60KL-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  10N60KL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
10N60K-MT
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-022.h
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
± 30
V
Avalanche Current (Note 2)
IAR
10
A
Continuous
ID
10
A
Drain Current
Pulsed (Note 2)
IDM
38
A
Single Pulsed (Note 3)
EAS
200
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
12
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220/TO-263
156
W
Power Dissipation
TO-220F/TO-220F1
TO-220F2/TO-220F3
PD
52
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 4mH, IAS = 10A, VDD = 50V, RG = 25 Ω Starting TJ = 25°C
4. ISD ≤ 9.5A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220/TO-263
0.8
°C/W
Junction to Case
TO-220F/TO-220F1
TO-220F2/TO-220F3
θJC
2.4
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com