Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60KL-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 10N60KL-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60KL-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  10N60KL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60KL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10N60K-MT
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R205-022.h
ELECTRICAL CHARACTERISTICS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID= 250μA
600
V
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
1
µA
Forward
VGS=30V, VDS=0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100
nA
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ ID=250 µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=5A
0.63 0.75
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1570 2040 pF
Output Capacitance
COSS
166 215
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0 MHz
18
24
pF
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
33
57
nC
Gate-Source Charge
QGS
9
nC
Gate-Drain Charge
QGD
VDS=50V, ID=1.3A, VGS=10V
IG=100μA (Note1, 2)
8.5
nC
Turn-On Delay Time
tD(ON)
67
ns
Turn-On Rise Time
tR
84
ns
Turn-Off Delay Time
tD(OFF)
205
ns
Turn-Off Fall Time
tF
VDD=30V, ID=0.5A, RG=25Ω,
VGS=0V (Note1, 2)
95
ns
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=10A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
10
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
38
A
Reverse Recovery Time
trr
420
ns
Reverse Recovery Charge
QRR
VGS=0V, IS=10A,
dIF/dt=100A/µs (Note1)
4.2
µC
Notes: 1. Pulse Test : Pulse width ≤300µs, Duty cycle ≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com