Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS8M11G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # QS8M11G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

QS8M11G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  QS8M11G-S08-R Datasheet HTML 1Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 2Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 3Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 4Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 5Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
QS8M11
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-B29.a
ELECTRICAL CHARACTERISTICS(Cont.)
P-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-1mA, VGS=0V
-30
V
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=-10V, ID=-1mA
-1.0
-2.5
V
Drain-Source On-State Resistance (Note2)
RDS(ON)
VGS=-10V, ID=-3.5A
55
75
mΩ
VGS=-4.5V, ID=-1.5A
85
115
mΩ
VGS=-4.0V, ID=-1.5A
95
125
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V, VDS=-10V,
f=1.0MHz
480
pF
Output Capacitance
COSS
70
pF
Reverse Transfer Capacitance
CRSS
70
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
VDD≈-15V, VGS=-10V,
ID=-1.5A, RG=10Ω,
RL=10Ω
7
ns
Turn-ON Rise Time
tR
18
ns
Turn-OFF Delay Time
tD(OFF)
50
ns
Turn-OFF Fall Time
tF
35
ns
Total Gate Charge (Note2)
QG
VGS=-5V, VDD≈-15V,
ID=-3A
5.2
nC
Gate-Source Charge
QGS
1.6
nC
Gate-Drain Charge
QGD
1.6
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=-3A, VGS=0V
-1.2
V
Continuous Drain-Source Diode Forward Current
IS
-1.0
A
Pulsed Drain-Source Diode Forward Current
ISM
-12
A
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤ 300us, duty cycle ≤ 2%.
3. Surface Mounted on 1in
2 pad area, t ≤ 10 sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com