Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS8M11G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # QS8M11G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

QS8M11G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  QS8M11G-S08-R Datasheet HTML 1Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 2Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 3Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 4Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 5Page - Unisonic Technologies QS8M11G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
QS8M11
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-B29.a
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC QS8M11 uses UTC’s advanced technology to provide
the customers with low voltage drive, etc.
The UTC QS8M11 is suitable for switching.
FEATURES
* N-Channel: 30V, 3.5A
RDS(ON) < 50mΩ @ VGS =10V
RDS(ON) < 65mΩ @ VGS= 4.5V
RDS(ON) < 70mΩ @ VGS= 4.0V
* P-Channel: -30V, -3.0A
RDS(ON) < 75mΩ @ VGS= -10V
RDS(ON) < 115mΩ @ VGS= -4.5V
RDS(ON) < 125mΩ @ VGS= -4.0V
* Low voltage drive (4V drive)
* Low on-resistance
SYMBOL
(2)
G1
(7)(8)
D1
S1
(1)
S2
(3)
(4)
G2
(5)(6)
D2
N-Channel
P-Channel
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
QS8M11L-S08-T
QS8M11G-S08-T
SOP-8
S1 G1 S2 G2 D2 D2 D1 D1
Tube
QS8M11L-S08-R
QS8M11G-S08-R
SOP-8
S1 G1 S2 G2 D2 D2 D1 D1 Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - QS8M11G-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
4V Drive Nch Pch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
QS8M11L-S08-T DOINGTER-QS8M11L-S08-T Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET useadvanced trench Technology
More results

Similar Description - QS8M11G-S08-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2700CB1 ANPEC-APM2700CB1 Datasheet
153Kb / 14P
Dual enhancement Mode MOSFET
logo
Unisonic Technologies
UT4812Z UTC-UT4812Z Datasheet
144Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE
UD9926 UTC-UD9926 Datasheet
209Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE
UD606 UTC-UD606_15 Datasheet
575Kb / 11P
DUAL ENHANCEMENT MODE
UD4606 UTC-UD4606_15 Datasheet
320Kb / 9P
DUAL ENHANCEMENT MODE
UD4614 UTC-UD4614_15 Datasheet
329Kb / 10P
DUAL ENHANCEMENT MODE
UT5003 UTC-UT5003_15 Datasheet
279Kb / 7P
DUAL ENHANCEMENT MODE
UT5003Z UTC-UT5003Z_15 Datasheet
280Kb / 7P
DUAL ENHANCEMENT MODE
UD4606Q UTC-UD4606Q Datasheet
323Kb / 10P
DUAL ENHANCEMENT MODE
logo
TT Electronics.
HCT802 TTELEC-HCT802 Datasheet
249Kb / 3P
Dual Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com