Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPC-D5215 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RGPC-D5215
Description  Compact 19??Rack mount display monitor with 7U height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGPC-D5215 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RGPC-D5215 Datasheet HTML 1Page - List of Unclassifed Manufacturers RGPC-D5215 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RGPC-D5215
All specifications are subject to change without prior notice
1
15
5"" LLCCD
D IIn
nd
du
ussttrriia
all R
Ra
acck
k m
mo
ou
un
ntt P
Pa
an
ne
ell P
PC
C
Design Drawings
RGPC-D5215
: 15” XGA Rack Mount Industrial Panel PC support Intel Atom D525 Dual-core 1.8GHz Processor, with 2G RAM, 2.5” 320G HDD.
RGPC-D5215T
:15” XGA Rack Mount Industrial Panel PC support Intel Atom D525 Dual-core 1.8GHz Processor, with 2G RAM, 2.5” 320G HDD. with
Resistive Touch Screen
MP-MS150NW : Mini-PCIE wireless Lan card with antenna
Ordering Information
Input : 100~240VAC,50/60Hz
Output : DC12V@ 8A / 96W ,
Power Specifications
·
CE/ROHS
Certification and Approvals



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com