Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPC-D5215 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RGPC-D5215
Description  Compact 19??Rack mount display monitor with 7U height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGPC-D5215 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RGPC-D5215 Datasheet HTML 1Page - List of Unclassifed Manufacturers RGPC-D5215 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGPC-D5215
All specifications are subject to change without prior notice
1
15
5"" LLCCD
D IIn
nd
du
ussttrriia
all R
Ra
acck
k m
mo
ou
un
ntt P
Pa
an
ne
ell P
PC
C
Features
15" XGA TFT LCD Panel support 1024 × 768pixels
Compact 19” Rack mount display monitor with 7U height
Intel Atom D525 ( Dual-core 1.8GHz processor ) CPU with 667 MHz FSB
Heavy duty steel chassis
Front hardness glass protect screen ( touch option )
4 * COM, 1* LPT, 2 * PS/2, 1 * VGA, 4 * USB, 2* LAN, 1* AUDIO, 1* MIC
1 * PCI Slot, 1 * Mini PCIe slot,
Wireless LAN with antenna (option)
Wide range DC 8-30V input ( option)
Design Drawings
Processor
: Intel Atom D525 ( Dual-core 1.8GHz processor ) CPU
with 667 MHz FSB
Chipset
: Intel NM10
Memory
: 1x SODIMM DDR3 800/1066/1333 SDRAM up to 4 GB
Graphic
: Intel GMA3150 chipset
Storage
: Space for 1x 2.5" SATA HDD
Ethernet
: 10/100/1000M Ethernet
VGA port
: 1 x VGA Connector
KB & Mouse
: 1 x PS2 port
Audio
: Realtek ® ALC662, 5.1 channel surround audio
USB Port
: 4 x USB 2.0
Serial Port
: 3 x RS-232,1 x RS422/485
Expansive Slot : 1 x Mini PCIe and 1 x PCI
System Characteristics
1 x PS2 for KB / Mouse
2 x 10/100/1000MLAN port ( RJ-45 )
1 x VGA
4 x USB
3 x RS-232,1 x RS422/485
1 x Lin-out/ MIC-in
1 x power switch
1 x reset switch
1 x DC input connector
I/O Connectors
Display Type
: 15 XGA TFT LCD
Screen resolution (Pixels) : 1024 * 768
Brightness
: 250cd/m2
Contrast Ratio
: 700 : 1
Pixel Size
: 0.297*0.297
Max Color
: 16.2MB
Viewing angle
: 150°(H) , 135°(V)
Response Time
: 8 ms
LCD MTBF
: 50,000hrs
TFT characteristics
Specifications
Construction
: Heavy duty steel chassis enclosure
Operating temperature : 32 °F~113 °F (0 °C to 45°C)
Storage temperature
: -4 °F~140 °F (-20 °C to 60 °C)
Storage humidity
: 10% to 90% non-condensing
Vibration
: 17 to 500HZ 1G PTP
Shock
: 1G /peak ( 11m sec)
Dimensions ( WXHXD ) : 482.6 x 310.3 x76mm
Weight
: Net: 9 Kg, Gross: 11.5 kg
Mechanical and Environmental
Touch Screen
: Resistive
Wireless LAN
: Meet IEEE802.11b/g standard
Available Options


Similar Part No. - RGPC-D5215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGPC-D5217 ETC2-RGPC-D5217 Datasheet
171Kb / 2P
17" SXGA TFT LCD Panel support 1280 횞 1024pixels
RGPC-D5219 ETC2-RGPC-D5219 Datasheet
172Kb / 2P
Compact 19??Rack mount display monitor with 7U height
More results

Similar Description - RGPC-D5215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
RCM-15 ETC2-RCM-15 Datasheet
258Kb / 2P
Compact 15??rack mount display monitor with 7U height
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
RGPC-D5219 ETC2-RGPC-D5219 Datasheet
172Kb / 2P
Compact 19??Rack mount display monitor with 7U height
RPM-17 ETC2-RPM-17 Datasheet
103Kb / 2P
17" 8U Rugged Rack Mount display Monitor
RPM-19 ETC2-RPM-19 Datasheet
222Kb / 2P
19" 8.5U Rugged Rack Mount display Monitor
logo
Tripp Lite. All Rights ...
B021-000-17 TRIPPLITE-B021-000-17 Datasheet
521Kb / 2P
1U Rack-Mount Console with 19-in. LCD
SRLCDMOUNT TRIPPLITE-SRLCDMOUNT Datasheet
170Kb / 2P
Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
logo
AAEON Technology
OMNI-319M AAEON-OMNI-319M Datasheet
501Kb / 2P
19” Touch Display Monitor, DC 12~30V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com