Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM46002PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 1 Page - Texas Instruments

  LM46002PWPR Datasheet HTML 1Page - Texas Instruments LM46002PWPR Datasheet HTML 2Page - Texas Instruments LM46002PWPR Datasheet HTML 3Page - Texas Instruments LM46002PWPR Datasheet HTML 4Page - Texas Instruments LM46002PWPR Datasheet HTML 5Page - Texas Instruments LM46002PWPR Datasheet HTML 6Page - Texas Instruments LM46002PWPR Datasheet HTML 7Page - Texas Instruments LM46002PWPR Datasheet HTML 8Page - Texas Instruments LM46002PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46002
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
LM46002 SIMPLE SWITCHER® 3.5 V to 60 V 2 A Synchronous Step-Down Voltage
Converter
1 Features
3 Description
The LM46002 SIMPLE SWITCHER® regulator is an
1
•
27 µA Quiescent Current in Regulation
easy
to
use
synchronous
step-down
DC-DC
•
High Efficiency at Light Load (DCM and PFM)
converter capable of driving up to 2 A of load current
•
Meets EN55022/CISPR 22 EMI standards
from an input voltage ranging from 3.5 V to 60 V. The
LM46002
provides
exceptional
efficiency,
output
•
Integrated Synchronous Rectification
accuracy and drop-out voltage in a very small
•
Adjustable Frequency Range: 200 kHz to 2.2 MHz
solution size. An extended family is available in
(500 kHz default)
various load current options and 36 V maximum input
•
Frequency Synchronization to External Clock
voltage in pin-to-pin compatible packages, including
LM46001, LM46000, LM43603, LM43602, LM43601
•
Internal Compensation
and
LM43600.
Peak
current
mode
control
is
•
Stable with Almost Any Combination of Ceramic,
employed
to
achieve
simple
control
loop
Polymer, Tantalum, and Aluminum Capacitors
compensation and cycle-by-cycle current limiting.
•
Power-Good Flag
Optional features such as programmable switching
frequency,
synchronization,
power-good
flag,
•
Soft-Start into Pre-Biased Load
precision enable, internal soft-start, extendable soft-
•
Internal Soft-Start: 4.1 ms
start, and tracking provide a flexible and easy to use
•
Extendable Soft-Start Time by External Capacitor
platform
for
a
wide
range
of
applications.
•
Output Voltage Tracking Capability
Discontinuous conduction and automatic frequency
reduction at light loads improve light load efficiency.
•
Precision Enable to Program System UVLO
The family requires few external components. Pin
•
Output Short Circuit Protection with Hiccup Mode
arrangement allows simple, optimum PCB layout.
•
Over Temperature Thermal Shutdown Protection
Protection features include thermal shutdown, VCC
under-voltage lockout, cycle-by-cycle current limit,
2 Applications
and output short circuit protection. The LM46002
device is available in the HTSSOP / PWP 16 leaded
•
Industrial Power Supplies
package (5.1 mm x 6.6 mm x 1.2 mm) with 0.65 mm
•
Telecommunications Systems
lead pitch.
•
Sub-AM Band Automotive
Device Information
•
Commercial Vehicle Power Supplies
ORDER NUMBER
PACKAGE
BODY SIZE
•
General Purpose Wide VIN Regulation
LM46002PWP
HTSSOP (16)
5.1 mm x 6.6 mm
•
High Efficiency Point-Of-Load Regulation
4 Simplified Schematic
Radiated Emission Graph
VIN = 24 V, VOUT = 3.3 V, FS= 500 kHz, IOUT = 2 A
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM46002PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002PWPR TI2-LM46002PWPR Datasheet
1Mb / 54P
LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
REVISED APRIL 2019
LM46002PWPR.B TI2-LM46002PWPR.B Datasheet
1Mb / 54P
LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
REVISED APRIL 2019
LM46002PWPRG4 TI2-LM46002PWPRG4 Datasheet
1Mb / 54P
LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
REVISED APRIL 2019
LM46002PWPRG4.B TI2-LM46002PWPRG4.B Datasheet
1Mb / 54P
LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
REVISED APRIL 2019
More results

Similar Description - LM46002PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620 Datasheet
1Mb / 40P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620 TI1-LMR33620_18 Datasheet
1Mb / 49P
SIMPLE SWITCHER 3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com