Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM46002PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 17Page - Texas Instruments LM46002PWPR Datasheet HTML 18Page - Texas Instruments LM46002PWPR Datasheet HTML 19Page - Texas Instruments LM46002PWPR Datasheet HTML 20Page - Texas Instruments LM46002PWPR Datasheet HTML 21Page - Texas Instruments LM46002PWPR Datasheet HTML 22Page - Texas Instruments LM46002PWPR Datasheet HTML 23Page - Texas Instruments LM46002PWPR Datasheet HTML 24Page - Texas Instruments LM46002PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
FB
RFBT
RFBB
CFF
VOUT
1.0E+04
1.0E+05
1.0E+06
5.0
5.5
6.0
6.5
7.0
VIN (V)
Load=0.1A
Load=0.5A
Load=1A
Load=1.5A
Load=2A
C005
LM46002
www.ti.com
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
Feature Description (continued)
Figure 42. Switching Frequency Decreases in Drop-Out Operation
VOUT = 5 V FS = 1 MHz
8.3.9 Internal Compensation and CFF
The LM46002 is internally compensated with RC = 400 kΩ and CC = 50 pF as shown in Functional Block
Diagram. The internal compensation is designed such that the loop response is stable over the entire operating
frequency and output voltage range. Depending on the output voltage, the compensation loop phase margin can
be low with all ceramic capacitors. An external feed-forward cap CFF is recommended to be placed in parallel
with the top resistor divider RFBT for optimum transient performance.
Figure 43. Feed-Forward Capacitor for Loop Compensation
The feed-forward capacitor CFF in parallel with RFBT places an additional zero before the cross over frequency of
the control loop to boost phase margin. The zero frequency can be found by
fZ-CFF = 1 / ( 2π × RFBT × CFF ).
(8)
An additional pole is also introduced with CFF at the frequency of
fP-CFF = 1 / ( 2π × CFF × ( RFBT // RFBB )).
(9)
The CFF should be selected such that the bandwidth of the control loop without the CFF is centered between fZ-CFF
and fP-CFF. The zero fZ-CFF adds phase boost at the crossover frequency and improves transient response. The
pole fP-CFF helps maintaining proper gain margin at frequency beyond the crossover.
Designs with different combinations of output capacitors need different CFF. Different types of capacitors have
different Equivalent Series Resistance (ESR). Ceramic capacitors have the smallest ESR and need the most
CFF. Electrolytic capacitors have much larger ESR and the ESR zero frequency
fZ-ESR = 1 / ( 2π × ESR × COUT)
(10)
would be low enough to boost the phase up around the crossover frequency. Designs using mostly electrolytic
capacitors at the output may not need any CFF.
The CFF creates a time constant with RFBT that couples in the attenuated output voltage ripple to the FB node. If
the CFF value is too large, it can couple too much ripple to the FB and affect VOUT regulation. It could also couple
too much transient voltage deviation and falsely trip PGOOD thresholds. Therefore, CFF should be calculated
based on output capacitors used in the system. At cold temperatures, the value of CFF might change based on
the tolerance of the chosen component. This may reduce its impedance and ease noise coupling on the FB
node. To avoid this, more capacitance can be added to the output or the value of CFF can be reduced. Please
refer to the Detailed Design Procedure for the calculation of CFF.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com