Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CSR
Description  four-terminal current sense resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CSR Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CSR Datasheet HTML 1Page - KOA Speer Electronics, Inc. CSR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/13/14
CSR
four-terminal current sense resistor
Resistance
Tolerance
Resistance
Range
E-12
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
CSR1
CSR2
1W
2W
±50
5mΩ - 50mΩ
+70°C
-55°C to +125°C
D: ±0.5%,F: ±1%
F: ±1%
DeratingCurve
SurfaceTemperatureRise
environmental applications
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
70
20
Ambient Temperature
(°C)
0
-55
120
125
175
125
75
50
25
25
50
75
100
% Rated Power
CSR1
CSR1
0
0
150
100
typical circuit schematic
Input
Detecting
Circuit
Output
C
S
R
Voltage Terminal
(KELVIN terminal)
Current Terminal
PerformanceCharacteristics
Parameter
Requirement∆R±%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/+125°C
Within regulated
tolerance
Within specified
T.C.R.
—
—
Overload (Short Time)
Rated power x 5 for 5 seconds
±1.0%
±1.0%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±1.0%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 500 cycles
±1.0%
±0.5%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2.0%
±0.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1.0%
±0.5%
Low Temperature Exposure
-55°C, 1 hour
±0.5%
±0.25%
High Temperature Exposure
+125°C, 100 hours
±0.5%
±0.25%
2
1
S
1
CSR1
175
125
75
50
25
25
50
75 100
% Rated Power
CSR2
CSR2
0
0
150
100
CSR2
Regarding the temperature rise, the value of the temperature varies per
conditions and board for use since the temperature is measured under
our measuring conditions. Please refer to us before use.
20mΩ
10mm pattan
For resistors operated at an ambient temperature of 70°C
or above, a power rating shall be derated in accordance
with the above derating curve.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com