Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CSR
Description  four-terminal current sense resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CSR Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CSR Datasheet HTML 1Page - KOA Speer Electronics, Inc. CSR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSR
four-terminal current sense resistor
features
• Extremely low resistance and high precision tolerance
• Low T.C.R. achieved (±50ppm/°C)
• Flameproof UL94V0
• Marking: Black body color with white marking
• Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
D: ±0.5%
F: ±1%
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
In milliohms:
3 significant figures
“L” indicates
decimal point
1: 1W
2: 2W
TED: CSR1
TEB: CSR2
(1,000 pieces/reel)
CSR
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Packaging
NewPart#
1
TED
10L0
F
T
For further information on packaging,
please refer to Appendix A.
dimensions and construction
Size
Code
.118±.004
(3.0±0.1)
.098±.004
(2.5±0.1)
.236±.004
(6.0±0.1)
.197±.004
(5.0±0.1)
.087±.012
(2.2±0.3)
.051±.012
(1.3±0.3)
.087±.012
(2.2±0.3)
.051±.012
(1.3±0.3)
.079±.02
(2.0±0.5)
.047±.02
(1.2±0.5)
.079±.02
(2.0±0.5)
.055±.02
(1.4±0.5)
.504±.02
(12.8±0.5)
.425±.02
(10.8±0.5)
.039±.008
(1.0±0.2)
.031±.008
(0.8±0.2)
.122±.008
(3.1±0.2)
.083±.008
(2.1±0.2)
.197±.012
(5.0±0.3)
.118±.012
(3.0±0.3)
.323±.012
(8.2±0.3)
.244±.012
(6.2±0.3)
CSR1
CSR2
e
f
gh
d
c
b
a
t
W
L
Dimensionsinches(mm)
t
W
L
Molded
Resin
Resistive
Element
Current
Electrode
Voltage
Electrode
e
f
a
b
h
g
d
c
c
EU
73
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
1/24/14


Similar Part No. - CSR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
KITAGAWA GmbH
CSR KGS-CSR Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
CSR-0-100-65 KGS-CSR-0-100-65 Datasheet
307Kb / 1P
Carbon filled silicone based rubber.
More results

Similar Description - CSR

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CSR1TTED KOA-CSR1TTED Datasheet
100Kb / 2P
four-terminal current sense resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
Four Terminal Open Air Low Ohm Current Sense Resistor
logo
Ohmite Mfg. Co.
LVK12R005DER OHMITE-LVK12R005DER Datasheet
224Kb / 1P
Four Terminal High Precision Current Sense
RW1S0CKR005FET OHMITE-RW1S0CKR005FET Datasheet
110Kb / 1P
Surface Mount Four Terminal Current Sense
logo
KOA Speer Electronics, ...
CSR1TTE10L0F KOA-CSR1TTE10L0F Datasheet
272Kb / 2P
four-terminal current sense resistor
logo
Ohmite Mfg. Co.
LVK12R050DER OHMITE-LVK12R050DER Datasheet
224Kb / 1P
Four Terminal High Precision Current Sense
LVK20R050DER OHMITE-LVK20R050DER Datasheet
267Kb / 2P
Four Terminal High Precision Current Sense
logo
TT Electronics.
CSL TTELEC-CSL Datasheet
433Kb / 2P
Four Terminal Open Air Low Ohm Current Sense Resistor
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
Four Terminal Open Air Low Ohm Current Sense Resistor
logo
Ohmite Mfg. Co.
LVK OHMITE-LVK_18 Datasheet
485Kb / 3P
Four Terminal High Precision Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com