Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LR
Description  custom milliohm resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LR Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LR
custom milliohm resistor
applications and ratings
* Other resistances are also available on request.
Derating Curve
environmental applications
100
80
60
40
20
-40
-20
0
2060
80100120160
70
40
Ambient Temperature
(°C)
0
140
180
Performance Characteristics
Parameter
Requirement ∆ R ±%
Limit
Typical
Test Method
Resistance
25°C
Within specified
tolerance
––
T.C.R.
Room temp. +100°C UP
Within specified
T.C.R.
––
Resistance to
Soldering Heat
350°C ± 10°C, 3 seconds
±2.0%
±1.6%
Moisture Resistance
Power rating x 1/10, 40°C, 90% - 95% RH, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
±3.0%
±2.7%
Endurance at 70°C
Rated voltage, 70°C, 1000 hours
1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±3.0%
T.C.R.
(ppm/°C)
Max.
Resistance
Range
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Symbol
ød Diameter
(mm)
Maximum
Current
Rating (A)
LR12D
LR13D
LR16D
7.0
10mΩ - 20mΩ
+70°C
±100
-40°C
to
+180°C
7.5
9.0
9.5
10mΩ - 20mΩ
10mΩ - 20mΩ
10mΩ - 15mΩ
LR09D
LR10D
LR11D
4.5
20mΩ - 50mΩ
5.0
6.0
8.0
20mΩ - 40mΩ
15mΩ - 20mΩ
10mΩ - 20mΩ
LR14D
LR15D
LR18D
LR26D
5.5
15mΩ - 30mΩ
LR20D
11
12
5mΩ - 10mΩ
5mΩ - 10mΩ
LR23D
14
18
3mΩ - 10mΩ
3mΩ - 5mΩ
LR06D
LR07D
LR08D
3.0
50mΩ - 100mΩ
4.0
30mΩ - 70mΩ
Resistance
Tolerance
H: ±3%
J: ±5%
LR29D
21
12
13
15
16
08
09
11
14
10
18
20
23
26
06
07
29
1.2
1.3
1.5
1.6
0.8
0.9
1.1
1.4
1.0
1.8
2.0
2.3
2.6
0.6
0.7
2.9
3mΩ - 5mΩ
153
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/05/13
For resistors operated at an ambient temperature
of 70°C or above, a power rating shall be derated
in accordance with the above derating curve.
* Other diameters and resistances are also available on request



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com