Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LR
Description  custom milliohm resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LR Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
152
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/27/13
LR
custom milliohm resistor
features
• The super low resistance (3mΩ ~) is suitable
for high power current detection
• Pitches and heights adjustable according
to mounting conditions
• All custom-made products
• Easy soldering
• Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
EU
dimensions and construction
ordering information
H: ±3%
J: ±5%
D: SnAgCu
N: No surface
treatment
3 digits
06~20: L-Style
23~29: T-Style
L (06~20)
T (23~29)
LR
Type
Symbol
Nominal
Resistance
Resistance
Tolerance
Termination
Material
Style
New Part #
09
L
Insertion
Pitch
Insertion
Pitch
10
20L
J
D
Resistive
Wire
Solder
Coat
H*
P*
ød
1 Max.
3±0.5
Resistive
Wire
Solder
Coat
H*
P*
ød
3±0.5
1 Max.
T Style
L Style
* Please consult with factory about
dimensions “P” and “H”
T style is applied for the diameter
of ø 2.3 or above


Similar Description - LR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTF VISHAY-VTF Datasheet
235Kb / 4P
Conformal, Single In-Line Resistor Networks (Custom)
16-May-07
logo
KOA Speer Electronics, ...
LR72AD KOA-LR72AD Datasheet
95Kb / 4P
Surface Mount Custom Milli-Ohm Resistor
LR06DL10 KOA-LR06DL10 Datasheet
84Kb / 2P
custom milliohm resistor
logo
Extech Instruments Corp...
380460 EXTECH-380460 Datasheet
248Kb / 5P
Precision Milliohm Meters
380580 EXTECH-380580 Datasheet
230Kb / 1P
Battery Powered Milliohm Meter
logo
American Accurate Compo...
OLRA-1W-10MFB AAC-OLRA-1W-10MFB Datasheet
79Kb / 2P
Custom Made Metal Plate Current Sense Resistor
logo
KOA Speer Electronics, ...
LR09DL1020LJ KOA-LR09DL1020LJ Datasheet
223Kb / 2P
custom milliohm resistor
logo
Extech Instruments Corp...
380460 EXTECH-380460_15 Datasheet
209Kb / 1P
Precision Milliohm Meter
380462 EXTECH-380462_15 Datasheet
209Kb / 1P
Precision Milliohm Meter
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com