Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606QG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD4606QG-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606QG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD4606QG-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UD4606Q
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R211-021.B
ABSOLUTE MAXIMUM RATINGS (TA = 25°С, unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note2)
ID
6.9
A
Pulsed Drain Current (Note2)
IDM
30
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
P-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 2)
ID
-6
A
Pulsed Drain Current (Note 2)
IDM
-30
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface Mounted on 1in
2 pad area, t≤10sec
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note)
θJA
67
80
°С/W
Note: Surface Mounted on 1in
2 pad area, t≤10sec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com