Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606QG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD4606QG-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606QG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD4606QG-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606QG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UD4606Q
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R211-021.B
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
30
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250uA
1
1.9
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6.9A
22.5
28
mΩ
VGS=4.5V, ID=5A
34.5
42
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V,VDS=15V,f=1.0MHz
680
pF
Output Capacitance
COSS
102
pF
Reverse Transfer Capacitance
CRSS
77
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
VDS=15V, VGS=10V, RG=3Ω,
RL=2.2Ω
4.6
ns
Turn-ON Rise Time
tR
4.1
ns
Turn-OFF Delay Time
tD(OFF)
20.6
ns
Turn-OFF Fall Time
tF
5.2
ns
Total Gate Charge (Note2)
QG
VDS=15V, VGS=10V, ID=6.9A
13.8
nC
Gate-Source Charge
QGS
1.82
nC
Gate-Drain Charge
QGD
3.2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=1A, VGS=0V
0.76
1
V
Diode Continuous Forward Current (Note3)
IS
3
A
Reverse Recovery Time
tRR
IDS=6.9A, dI/dt=100A/μs
16.5
ns
Reverse Recovery Charge
QRR
7.8
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com