Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT138FGL-5-TF3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT138FGL-5-TF3-R
Description  TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138FGL-5-TF3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT138FGL-5-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 5Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT138FF/FG
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R401-020.C
TYPICAL CHARACTERISTICS(Cont.)
VT (V)
Typical And Maximum
On-state Characteristic
100
150
-50
50
0
3
1
TJ (°C)
2
2.5
1.5
0.5
0
Normalised Holding Current
IH(TJ)/IH(25°C), Vs Junction Temperature, TJ
IH(25°C)
IH(TJ)
1.5
2
01
0.5
40
30
20
10
0
IT (A)
2.5
3
VOUT=1.75V
RS=0.316Ohms
TJ=125°C
TJ=25°C
max
typ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com