Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT138FGL-5-TF3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT138FGL-5-TF3-R
Description  TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138FGL-5-TF3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT138FGL-5-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 5Page - Unisonic Technologies UT138FGL-5-TF3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT138FF/FG
TRIAC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R401-020.C
TRIAC
DESCRIPTION
Glass passivated triac in a full pack plastic envelope,
intended for use in applications requiring high bidirectional
transient and blocking voltage capability and high thermal
cycling performance. Typical applications include motor control,
industrial and domestic lighting, heating and static switching.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Description
Packing
Lead Free
Halogen Free
1
2
3
UT138FFL-x-TF3-R
UT138FFG-x-TF3-R
TO-220F
MT1
MT2
G
Tube
UT138FGL-x-TF3-R
UT138FGP-x-TF3-R
TO-220F
MT1
MT2
G
Tube
Note: Pin Assignment: G: Gate
(1) T: Tube
(2) TF3: TO-220F
(3) 5: 500V, 6: 600V, 8: 800V
(4) L: Lead Free, G: Halogen Free and Lead Free
P: Halogen Free and Lead Free
UT138FFL- x -TF3-T
(1)Packing Type
(2)Package Type
(4)Green Package
(3)Peak Voltage
MARKING
UT138FF
UT138FG


Similar Part No. - UT138FGL-5-TF3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT138F UTC-UT138F Datasheet
198Kb / 5P
TRIACS
UT138FE UTC-UT138FE Datasheet
113Kb / 5P
TRIACS
UT138FF UTC-UT138FF Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
UT138FF/FG-5 UTC-UT138FF/FG-5 Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
UT138FF/FG-6 UTC-UT138FF/FG-6 Datasheet
120Kb / 5P
Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
More results

Similar Description - UT138FGL-5-TF3-R

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
Triac
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
TRIAC
logo
Renesas Technology Corp
BCR5CM12RA RENESAS-BCR5CM12RA Datasheet
92Kb / 7P
Triac
BCR8FM12LB RENESAS-BCR8FM12LB Datasheet
138Kb / 8P
Triac
BCR20CM12LB RENESAS-BCR20CM12LB Datasheet
202Kb / 8P
Triac
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com