Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3416G-AE2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3416G-AE2-R
Description  N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3416G-AE2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3416G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 3Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 4Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT3416-H
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-052.A
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±10
V
Drain Current
Continuous
TC=25°C
ID
6.7
A
TC=100°C
4.2
A
Pulsed (Note 1)
IDM
26.8
A
Power Dissipation
TC=25°C
PD
1.56
W
Derate above 25°C
0.012
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
80
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
20
V
BVDSS Temperature Coefficient
BVDSS/△TJ Reference to 25°C, ID=1mA
0.02
V/°C
Drain-Source Leakage Current
IDSS
VDS=20V, VGS=0V, TJ=25°C
1
µA
VDS=16V, VGS=0V, TJ=125°C
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+10V, VDS=0V
+100
nA
Reverse
VGS=-10V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
0.3
0.6
0.8
V
VGS(TH) Temperature Coefficient
VGS(TH)
2
mV/°C
Static Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=4A
15
19
mΩ
VGS=2.5V, ID=3A
18
24
mΩ
VGS=1.8V, ID=2A
23
32
mΩ
Forward Transconductance
gFS
VDS=10V, ID=4A
9.5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=10V, f=1.0MHz
600 870
pF
Output Capacitance
COSS
70
100
pF
Reverse Transfer Capacitance
CRSS
45
65
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 2, 3)
QG
VGS=4.5V, VDS=10V, ID=4A
5.8
8
nC
Gate to Source Charge (Note 2, 3)
QGS
0.6
1
nC
Gate to Drain Charge (Note 2, 3)
QGD
2
4
nC
Turn-ON Delay Time (Note 2, 3)
tD(ON)
VDD=10V, VGS=4.5V, ID=1A,
RG=25Ω
5.0
9
ns
Rise Time (Note 2, 3)
tR
14.4
27
ns
Turn-OFF Delay Time (Note 2, 3)
tD(OFF)
30.0
55
ns
Fall-Time (Note 2, 3)
tF
9.2
17
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Continuous Source Current
IS
VG=VD=0V , Force Current
6.7
A
Pulsed Source Current
ISM
26.8
A
Drain-Source Diode Forward Voltage
VSD
IS=1A, VGS=0V, TJ=25°C
1
V
Notes: 1. Repetitive Rating: Pulsed width limited by maximum junction temperature.
2. The data tested by pulsed, pulse width≤300µs, duty cycle≤2%.
3. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com