Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3416G-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3416G-AE2-R
Description  N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3416G-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3416G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 3Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 4Page - Unisonic Technologies UT3416G-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3416-H
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R208-052.A
6.7A, 20V N-CHANNEL
MOSFET
DESCRIPTION
The UTC UT3416-H is an N-Channel MOSFET, it uses UTC’s
advanced technology to provide customers with a minimum on-state
resistance and high switching speed, etc.
The UTC UT3416-H is suitable for high efficiency fast switching
applications.
FEATURES
* RDS(ON)<19mΩ @ VGS=4.5V, ID=4A
* High switching speed
* Improved dv/dt capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Packing
UT3416G-AE2-R
SOT-23-3
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING


Similar Part No. - UT3416G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3416G-AE2-R UTC-UT3416G-AE2-R Datasheet
163Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - UT3416G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com