Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4435G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4435G-S08-R
Description  P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4435G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4435G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT4435-H
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-053.B
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
TC=25°C
-8
A
Continuous
TC=100°C
ID
-5.1
A
Drain Current
Pulsed (Note 1)
IDM
-32
A
TC=25°C
2.1
W
Power Dissipation
Derate above 25°C
PD
0.017
W/°C
Junction Temperature
TJ
-55 ~ +150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Max. Junction to Ambient
θJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-30
V
Breakdown Voltage Temperature
Coefficient
△
BVDSS △
/TJ Reference to 25°C, ID=-1mA
-0.03
V/°C
VDS=-30V, VGS=0V, TJ=25°C
-1
µA
Drain-Source Leakage Current
IDSS
VDS=-24V, VGS=0V, TJ=125°C
-10
µA
Forward
VGS=+20V, VDS=0V
+100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
-1.0
-1.6
-2.5
V
VGS(TH) Temperature Coefficient
△
VGS(TH)
VDS=VGS, ID=-250µA
4
mV/°C
VGS=-10V, ID=-8A
16.5
20
mΩ
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-5A
25.6
32
mΩ
Forward Transconductance
gFS
VDS=-10V, ID=-3A
6.8
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1250 1820
pF
Output Capacitance
COSS
160
235
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-15V, f=1.0MHz
90
130
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 2, 3)
QG
11
17
nC
Gate to Source Charge (Note 2, 3)
QGS
3.4
6
nC
Gate to Drain Charge (Note 2, 3)
QGD
VGS=-4.5V, VDS=-15V, ID=-5A
4.2
8
nC
Turn-ON Delay Time (Note 2, 3)
tD(ON)
5.8
11
ns
Rise Time (Note 2, 3)
tR
18.8
36
ns
Turn-OFF Delay Time (Note 2, 3)
tD(OFF)
46.9
89
ns
Fall-Time (Note 2, 3)
tF
VDD=-15V, ID=-1A, RG=6Ω,
VGS=-10V
12.3
23
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
-8
A
Maximum Body-Diode Pulsed Current
ISM
VG=VD=0V, force current
-16
A
Drain-Source Diode Forward Voltage
VSD
IS=-1A, VGS=0V, TJ = 25°C
-1
V
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. The data tested by pulsed , pulse width≤300us, duty cycle ≤2%
3. Essentially independent of operating temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com