Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4435G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT4435G-S08-R
Description  P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4435G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT4435G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4435G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT4435-H
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R208-053.B
TYPICAL CHARACTERISTICS
Continuous Drain Current vs. TC
Case Temperature, TC (°С)
-50
Normalized RDSON vs. TJ
50
150
0
100
0
2
4
6
8
25
50
100
125 150
75
0.6
0.8
1
1.2
1.4
1.6
Junction Temperature, TJ (°С)
0.0001
Normalized Transient Impedance
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0.01
0.1
1
PDM
t1
t2
Notes:
Duty Factor: D=t1/t2
0.1
Maximum Safe Operation Area
0.01
1
10
Drain to Source Voltage, -VDS (V)
100
1
10
0.1
TC=25°С
DC
100ms
10ms
1ms
100us
10us



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com