Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTN6266L-TM3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTN6266L-TM3-R
Description  N-CHANNEL TRENCH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTN6266L-TM3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTN6266L-TM3-R Datasheet HTML 1Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 2Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 3Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 4Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 5Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 6Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTN6266
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-B28.d
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
VDS=60V, VGS=0V
1
µA
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V, TJ=55°C
5
µA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate-Body Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.5
2.0
2.5
V
VGS=10V, ID=20A
12
15
mΩ
VGS=10V, ID=20A, TJ=125°C
20.5
25
mΩ
Static Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=18A
15
19
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
390
pF
Output Capacitance
COSS
190
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=30V, f=1.0MHz
170
pF
Gate Resistance
RG
f=1.0MHz
1.1
SWITCHING PARAMETERS
Total Gate Charge
QG
6
nC
Gate to Source Charge
QGS
0.5
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=30V, ID=20A
0.5
nC
Turn-ON Delay Time
tD(ON)
60
ns
Rise Time
tR
75
ns
Turn-OFF Delay Time
tD(OFF)
500
ns
Fall-Time
tF
VGS=10V, VDS=30V, RL=1.5Ω,
RGEN=3Ω
230
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
30
A
Drain-Source Diode Forward Voltage (Note2)
VSD
IS=1A, VGS=0V
0.72
1
V
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤ 300us, duty cycle ≤ 2%.
3. Surface Mounted on 1in
2 pad area.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com