Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTN6266L-TM3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTN6266L-TM3-R
Description  N-CHANNEL TRENCH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTN6266L-TM3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTN6266L-TM3-R Datasheet HTML 1Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 2Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 3Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 4Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 5Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 6Page - Unisonic Technologies UTN6266L-TM3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTN6266
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-B28.d
30A, 60V N-CHANNEL TRENCH
MOSFET
DESCRIPTION
The UTC UTN6266 is an N-Channel trench mosfet, it uses UTC’s
advanced technology to provide customers with a minimum on-state
resistance, high switching speed and low gate charge.
The UTC UTN6266 is suitable for Synchronus Rectification in
DC/DC and AC/DC Converters and industrial and Motor Drive
applications.
FEATURES
* RDS(ON)<15mΩ @ VGS=10V, ID=20A
RDS(ON)<19mΩ @ VGS=4.5V, ID=18A
* Low gate charge
* Low RDS(ON)
* High switching speed
SOP-8
DFN-8(5x6)
TO-251
1
1
TO-220
1
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12
3456
7
8
Packing
UTN6266L-TA3-R
UTN6266G-TA3-R
TO-220
G D
S
-
-
-
-
-
Tape Reel
UTN6266L-TM3-R
UTN6266G-TM3-R
TO-251
G D
S
-
-
-
-
-
Tube
-
UTN6266G-S08-R
SOP-8
S
S
S G D D D
D
Tape Reel
-
UTN6266G-K08-5060-R
DFN-8(5×6)
S
S
S G D D D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTN6266L-TM3-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UTN6266L-TA3-T DOINGTER-UTN6266L-TA3-T Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
UTN6266L-TN3-T DOINGTER-UTN6266L-TN3-T Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UTN6266L-TM3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
N-Channel UltraFET Trench MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
N-channel Trench MOSFET
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
N-channel Trench MOSFET
SUF1002 AUK-SUF1002 Datasheet
457Kb / 8P
Dual N-channel Trench MOSFET
logo
Solid States Devices, I...
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
logo
SemiHow Co.,Ltd.
HRP45N06K SEMIHOW-HRP45N06K Datasheet
1Mb / 8P
60V N-Channel Trench MOSFET
HRP58N06K SEMIHOW-HRP58N06K Datasheet
891Kb / 8P
60V N-Channel Trench MOSFET
logo
Shanghai Leiditech Elec...
LM3043N LEIDITECH-LM3043N Datasheet
771Kb / 5P
N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com