Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT40P04L-TND-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT40P04L-TND-R
Description  P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT40P04L-TND-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT40P04L-TND-R Datasheet HTML 1Page - Unisonic Technologies UTT40P04L-TND-R Datasheet HTML 2Page - Unisonic Technologies UTT40P04L-TND-R Datasheet HTML 3Page - Unisonic Technologies UTT40P04L-TND-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTT40P04
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-616.E
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-40
V
Drain-Source Leakage Current
IDSS
VDS=-32V, VGS=0V
-1
µA
Forward
VGS=+20V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-1.8
-3
V
VGS=-10V, ID=-12.7A
17
20
mΩ
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-10.4A
24
30
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2085 2775
pF
Output Capacitance
COSS
360 480
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-20V, f=1.0MHz
210
310
pF
Gate Resistance
RG
f=1.0MHz
4.6
Ω
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
36
ns
Rise Time
tR
76
ns
Turn-OFF Delay Time
tD(OFF)
600
ns
Fall-Time
tF
VDD=-20V, ID=-12.7A, RGEN=6Ω,
VGS=-10V
380
ns
VGS=0~-10V, VDD=-20V,
ID=-12.7A
230
nC
Total Gate Charge
QG
VGS=0~-5V, VDD=-20V,
ID=-12.7A
120
nC
Gate to Source Charge
QGS
17
nC
Gate to Drain Charge
QGD
VDD=-20V, ID=-12.7A
21
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=-12.7A, VGS=0V (Note 1)
-0.8 -1.2
V
Body Diode Reverse Recovery Time
tRR
29
44
ns
Body Diode Reverse Recovery Charge
QRR
IF=-12.7A, di/dt=100A/µs
26
40
µC
Notes: 1. Pulse Test: Pulse Width < 300µs, Duty cycle < 2.0%.
2. Starting TJ = 25°C, L = 3mH, IAS = 15A, VDD = 40V, VGS = 10V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com