Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT40P04L-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT40P04L-TND-R
Description  P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT40P04L-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT40P04L-TND-R Datasheet HTML 1Page - Unisonic Technologies UTT40P04L-TND-R Datasheet HTML 2Page - Unisonic Technologies UTT40P04L-TND-R Datasheet HTML 3Page - Unisonic Technologies UTT40P04L-TND-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT40P04
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-616.E
50A, 40V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT40P04 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed and a minimum on-state resistance. It can also withstand high
energy in the avalanche.
This UTC UTT40P04 is suitable for Inverter or Power supplies.
FEATURES
* RDS(ON) < 20mΩ @ VGS=-10V, ID=-12.7A,
RDS(ON) < 30 mΩ @ VGS=-4.5V, ID=-10.4A
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT40P04L-TA3-T
UTT40P04G-TA3-T
TO-220
G
D
S
Tube
UTT40P04L-TM3-T
UTT40P04G-TM3-T
TO-251
G
D
S
Tube
UTT40P04L-TN3-R
UTT40P04G-TN3-R
TO-252
G
D
S
Tape Reel
UTT40P04L-TND-R
UTT40P04G-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UTT40P04L-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40P04L-TND-R UTC-UTT40P04L-TND-R Datasheet
176Kb / 4P
P-CHANNEL POWER MOSFET
More results

Similar Description - UTT40P04L-TND-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com