Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR840L-SMB-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR840L-SMB-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR840L-SMB-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR840L-SMB-R Datasheet HTML 1Page - Unisonic Technologies MBR840L-SMB-R Datasheet HTML 2Page - Unisonic Technologies MBR840L-SMB-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR840
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-053.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
40
V
Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum RMS Reverse Voltage
VRMS
40
V
DC Blocking Voltage
VR
40
V
Average Rectified Output Current (TA=105°C)
IO
8
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
IFSM
150
A
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=8A, TC=25°C
0.70
Instantaneous Forward Voltage Drop (Note 2)
VF
IF=8A, TC=125°C
0.57
V
Rated DC Voltage, TC=25°C
100
μA
Instantaneous Reverse Current (Note 2)
IR
Rated DC Voltage, TC=125°C
15
mA
Notes: 1. 2.0μs Pulse Width, f = 1.0KHz.
2. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com