Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR840L-SMB-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR840L-SMB-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR840L-SMB-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR840L-SMB-R Datasheet HTML 1Page - Unisonic Technologies MBR840L-SMB-R Datasheet HTML 2Page - Unisonic Technologies MBR840L-SMB-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR840
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-053.a
8A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR840 is a 8A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR840 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low Reverse Current
* Low Stored Charge, Majority Carrier Conduction
* Low Power Loss/High Efficiency
* Highly Stable Oxide Passivated Junction
SYMBOL
SMB
(JEDEC DO-214AA)
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
MBR840L-SMB-R
MBR840G-SMB-R
SMB
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
MARKING
Date Code
Cathode Band for
uni-directional Only
UTC
MBR840
L: Lead Free
G: Halogen Free


Similar Part No. - MBR840L-SMB-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR840 DIODES-MBR840 Datasheet
64Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
ON Semiconductor
MBR840 ONSEMI-MBR840 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Galaxy Semi-Conductor H...
MBR840 BILIN-MBR840 Datasheet
200Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR840 SIRECTIFIER-MBR840 Datasheet
80Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR840 PANJIT-MBR840 Datasheet
84Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR840L-SMB-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com