Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2100G-CA2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR2100G-CA2-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR2100G-CA2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR2100G-CA2-R Datasheet HTML 1Page - Unisonic Technologies MBR2100G-CA2-R Datasheet HTML 2Page - Unisonic Technologies MBR2100G-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR2100
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-051.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Rectified Output Current
IO
2.0
A
Non-Repetitive Peak Forward Surge Current: 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
40
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
625
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=2.0A TJ=25°C
0.79
V
Forward Voltage Drop (Note 3)
VF
IF=2.0A, TJ=125°C
0.69
V
TJ=25°C, VR=100V
100
μA
Peak Reverse Current at Rated DC
Blocking Voltage
IR
TJ=125°C, VR=100V
10
mA
Notes: 1. Measured at ambient temperature at a distance of 9.5mm from the case.
2. Minimum Pad Area.
3. Pulse test: 300μs pulse width, duty cycle 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com