Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2100G-CA2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR2100G-CA2-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR2100G-CA2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR2100G-CA2-R Datasheet HTML 1Page - Unisonic Technologies MBR2100G-CA2-R Datasheet HTML 2Page - Unisonic Technologies MBR2100G-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR2100
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-051.a
SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR2100 is a schottky barrier rectifier, it uses UTC’s
advanced technology to provide customers with low forward voltage
drop, high current capability and high efficiency, etc.
The UTC MBR2100 is suitable for free wheeling, high frequency
inverters, polarity protection application.
FEATURES
* Low forward voltage drop
* High efficiency
* High surge capability
SYMBOL
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
Packing
MBR2100G-CA2-R
SOD-123
A
K
Tape Reel
Note: Pin assignment: A: Anode K: Cathode
MARKING


Similar Part No. - MBR2100G-CA2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR2100 ETC-MBR2100 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
Pan Jit International I...
MBR2100 PANJIT-MBR2100 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MBR2100 TAYCHIPST-MBR2100 Datasheet
4Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
MBR2100 ZSELEC-MBR2100 Datasheet
136Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MBR2100CT PANJIT-MBR2100CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2100G-CA2-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com