Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR3045C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR3045C Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR3045C Datasheet HTML 1Page - Unisonic Technologies MBR3045C Datasheet HTML 2Page - Unisonic Technologies MBR3045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR3045C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R202-028.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Maximum PMS Reverse Voltage
VR(RMS)
31.5
V
Per Leg
15
A
Average Rectified Forward Current
(Rated VR) TC=130°C (Note 1)
Total
IO
30
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) (TC=125°C)
IFRM
30
A
Non-Repetitive Peak Surge Current (Surge Applied At
Rated Load Conditions Half Wave, Single Phase, 60Hz)
IFSM
150
A
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/µs
Typical Junction Capacitance (Note 3)
CJ
650
pF
Operating Junction Temperature (Note 3)
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ<1/θJA.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
TO-220
2
°C/W
Junction to Case
TO-220F
θJC
5
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=15A, TC=25°C
0.62
IF=15A, TC=125°C
0.57
V
IF=30A, TC=25°C
0.76
Instantaneous Forward Voltage Drop
VFM
IF=30A, TC=125°C
0.72
V
Rated DC Voltage, TC=25°C
200
μA
Instantaneous Reverse Current
IRM
Rated DC Voltage, TC=125°C
80
mA
Note: Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com