Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR3045C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR3045C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR3045C Datasheet HTML 1Page - Unisonic Technologies MBR3045C Datasheet HTML 2Page - Unisonic Technologies MBR3045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR3045C
DIODE
www.unisonic.com.tw
1 of 1
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-028.B
30A SCHOTTKY BARRIER
RECTIFIER DIODES
FEATURES
* Guard Ring for Transient Protection
* Low Power Loss, High Efficiency
* High Surge Capability
* High Current Capability and Low Forward Voltage Drop
SYMBOL
ORDERING INFORMATION
Order Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
MBR3045CL-TA3-T
MBR3045CG-TA3-T
TO-220
A
K
A
Tube
MBR3045CL-TF3-T
MBR3045CG-TF3-T
TO-220F
A
K
A
Tube
Note: Pin Assignment: A: Anode
K: Cathode
MBR3045CL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tube
(2) TA3: TO-220,TF3: TO-220F
(3) L: Lead Free, G: Halogen Free and Lead Free
MARKING


Similar Part No. - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR3045C VISHAY-MBR3045C Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
logo
JILIN SINO-MICROELECTRO...
MBR3045C JSMC-MBR3045C Datasheet
540Kb / 9P
SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
435Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
More results

Similar Description - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com