Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB79 Datasheet(PDF) 1 Page - Micro Electronics

Part # MXB79
Description  1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MXB79 Datasheet(HTML) 1 Page - Micro Electronics

  MXB79 Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MXB79

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843 MAXIM-MXB7843 Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843EEE MAXIM-MXB7843EEE Datasheet
508Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843EEE MAXIM-MXB7843EEE Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843EUE MAXIM-MXB7843EUE Datasheet
508Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
More results

Similar Description - MXB79

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB79TA MICRO-ELECTRONICS-MGB79TA Datasheet
211Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MGB81C MICRO-ELECTRONICS-MGB81C Datasheet
39Kb / 1P
ROUND RECTANGULAR BAR LED LAMP
MGB81T MICRO-ELECTRONICS-MGB81T Datasheet
86Kb / 2P
2.37mm x 4.9mm ROUND RECTANGULAR BAR LED LAMP
MOB79TA MICRO-ELECTRONICS-MOB79TA Datasheet
205Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MSB74D MICRO-ELECTRONICS-MSB74D Datasheet
39Kb / 1P
1.2mm x 3.4mm RECTANGULAR BAR LED LAMP
MSB75DA-1 MICRO-ELECTRONICS-MSB75DA-1 Datasheet
60Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB79TA-5 MICRO-ELECTRONICS-MSB79TA-5 Datasheet
38Kb / 1P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MSB79TA MICRO-ELECTRONICS-MSB79TA Datasheet
212Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
logo
Kingbright Corporation
L-144HDT KINGBRIGHT-L-144HDT Datasheet
83Kb / 3P
1.9 x 3.9mm RECTANGULAR SOLID LAMP
logo
TAITRON Components Inco...
TLN-G4SF-513 TAITRON-TLN-G4SF-513 Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com