Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1100G-Z41-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR1100G-Z41-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1100G-Z41-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR1100G-Z41-R Datasheet HTML 1Page - Unisonic Technologies MBR1100G-Z41-R Datasheet HTML 2Page - Unisonic Technologies MBR1100G-Z41-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR1100
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-270.b
1.0A, 100V SCHOTTKY
BARRIER RECTIFIER
DESCRIPTION
The UTC MBR1100 is a 1.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide customers with low forward
voltage drop, low reverse current and high efficiency, etc.
The UTC MBR1100 is suitable for free wheeling diodes, high
frequency inverters, low voltage and polarity protection diodes.
FEATURES
* Low forward voltage drop
* Low reverse current
* High surge capacity
* Low power loss
* High efficiency
SYMBOL
DO-41
1
2
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
MBR1100L-Z41-B
MBR1100G-Z41-B
DO-41
K
A
Tape Box
MBR1100L-Z41-R
MBR1100G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) B: Tape Box, R: Tape Reel
(2) Z41: DO-41
(3) L: Lead Free, G: Halogen Free and Lead Free
MBR1100L-Z41-B
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
MBR1100
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - MBR1100G-Z41-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1100G ONSEMI-MBR1100G Datasheet
59Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR1100G ONSEMI-MBR1100G Datasheet
67Kb / 4P
Axial Lead Rectifier
February, 2016 ??Rev. 7
More results

Similar Description - MBR1100G-Z41-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com