Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PREDATORV2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PREDATORV2
Description  922,000 pixels binocular display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PREDATORV2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PREDATORV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PREDATORV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.fatshark.com
Camera Specifications:
Electrical:
Power supply: 3.5-5V (powered off TX)
Power consumption: 60mA @5V)
Imager:
1/3” CMOS
FPV tuned light handling
NTSC or PAL (selectable; jumper on = NTSC).
Lens:
2.8mm IR coated
100°diagonal FOV (ideal for fixed camera)
Mechanical:
Square: 21 X 21 X 12mm
Lens extrude: 15mm X 14mm diameter
Weight: 15g
Transmitter Specification (250mW 5G8 V3):
Electrical:
Power supply: 7 - 16V (2S-4S supply)
Power consumption 310mA @7.4V
Transmitting power: 250mW
Frequency: 5G8 (see above frequency chart)
Antennae:
External dipole (circular polarized compatible)
Mechanical:
55 X 26 X 11 mm
Weight: 22g (with antenna).
Combined onboard FPV components (TX, camera, filtered power adapter):
Power supply: 7 - 16V (2S-4S supply)
Power consumption 390mA @7.4V
Powered via battery balance lead
Total weight: 42g (with antenna).
Package dimensions: 22 X 17 X 6.5 cm (approximately 0.6 kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com