Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PREDATORV2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PREDATORV2
Description  922,000 pixels binocular display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PREDATORV2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PREDATORV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PREDATORV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.fatshark.com
PREDATOR V2 (FULL RTF FPV KIT) SPECIFICATION DOCUMENT REV B
Headset Specifications:
Optics:
FOV (field of view): 25 degrees diagonal
Interpupillary (IPD) distance: 63.5mm (fixed)
Optional diopter lens inserts: -2, -4, -6 dpt
Image size: 38" @ 7'
Audio:
Stereo
User Controls:
Channel selection
Volume control
Mode selection (wired/wireless)
Contrast/ brightness control
Electrical:
Power supply: 7 - 13 V (2S/3S supply)
Power consumption (@7.4V nominal):
300mA wireless mode
160mA direct mode (no RX)
Antennae:
External dipole (RX is circular polarized compatible)
Mechanical:
Ergonomic molded headset w/ adjustable headband
Secured rubber eye cups for ambient light reduction
Weight: 150g
Display
Full color Kopin CyberDisplay
922,000 pixels binocular display (640 X 480 VGA)
NTCS/PAL auto selecting
Head Tracker
None (available for OEM orders)
Battery:
7.4V 1000mAh
Balance lead and discharge adapter for charging via RC chargers
Interface
3.5mm AV in/out port
Power in port
3.5mm 3p earphone port
PS/2 DIN additional power port
Operating Frequencies:
5.8 Ghz Module
5740MHz, 5760Mhz, 5780MHz,
5800Mhz, 5820MHz, 5840Mhz,
5860Mhz
Note:
Fat Shark headsets use NexWave brand RF modules.
Compatibility is only guaranteed with Fat Shark and
ImmersionRC transmitters.


Similar Part No. - PREDATORV2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PRE-CRIMPED MOLEX-PRE-CRIMPED Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
logo
Same Sky Devices
PRE29 SAMESKY-PRE29 Datasheet
358Kb / 5P
POWER RELAY
09/12/2024
PRE29-12V-S-450 SAMESKY-PRE29-12V-S-450 Datasheet
358Kb / 5P
POWER RELAY
09/12/2024
PRE29-18V-S-450 SAMESKY-PRE29-18V-S-450 Datasheet
358Kb / 5P
POWER RELAY
09/12/2024
PRE29-24V-S-450 SAMESKY-PRE29-24V-S-450 Datasheet
358Kb / 5P
POWER RELAY
09/12/2024
More results

Similar Description - PREDATORV2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD8891 NEC-UPD8891 Datasheet
297Kb / 32P
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
5000 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Harris Corporation
F5032 HARRIS-F5032 Datasheet
179Kb / 2P
LIGHTWEIGHT NIGHT VISION BINOCULAR
logo
Schneider Electric
VW3A1111 SCHNEIDER-VW3A1111 Datasheet
87Kb / 2P
Graphic Display Terminal - 240 x 160 pixels - IP65
Aug 10, 2019
VW3A1113 SCHNEIDER-VW3A1113 Datasheet
86Kb / 2P
Plain Text Display Terminal - 128 x 64 pixels - IP21
Sep 18, 2021
TMH2GDB SCHNEIDER-TMH2GDB Datasheet
158Kb / 5P
graphic display unit - 240 x 160 pixels
Jun 16, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com