Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X-DIS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT3X-DIS Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
2/18
1 Sensor Performance
Humidity Sensor Specification
Parameter
Conditions
Value
Units
SHT30 Accuracy tolerance1
Typ.
3
%RH
Max.
Figure 2
-
SHT31 Accuracy tolerance1
Typ.
2
%RH
Max.
Figure 3
-
Repeatability2
Low
0.25
%RH
Medium
0.15
%RH
High
0.10
%RH
Resolution
Typ.
0.01
%RH
Hysteresis
at 25°C
0.8
%RH
Specified range3
extended4
0 to 100
%RH
Response time5
63%
86
s
Long-term drift
Typ.7
<0.25
%RH/yr
Table 1 Humidity sensor specification
Temperature Sensor Specification
Parameter
Condition
Value
Units
SHT30 Accuracy tolerance1
typ., 0°C to 65°C
0.3
°C
SHT31 Accuracy tolerance1
typ., -40°C to 90°C
0.3
°C
Repeatability2
Low
0.24
°C
Medium
0.12
°C
High
0.06
°C
Resolution
Typ.
0.015
°C
Specified Range
-
-40 to 125
°C
Response time 8
63%
>2
s
Long Term Drift
max
<0.03
°C/yr
Table 2 Temperature sensor specification.
1 For definition of typical and maximum accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurements at the stated repeatability and at constant ambient conditions. It
is a measure for the noise on the physical sensor output. Different measurement modes allow for high/medium/low repeatability.
3 Specified range refers to the range for which the humidity or temperature sensor specification is guaranteed.
4 For details about recommended humidity and temperature operating range, please refer to section 1.1.
5 Time for achieving 63% of a humidity step function, valid at 25°C and 1m/s airflow. Humidity response time in the application depends on the design-in of the
sensor.
6 With activated ART function (see section 4.7) the response time can be improved by a factor of 2.
7 Typical value for operation in normal RH/T operating range, see section 1.1. Maximum value is < 0.5 %RH/yr. Higher drift values might occur due to contaminant
environments with vaporized solvents, out-gassing tapes, adhesives, packaging materials, etc. For more details please refer to Handling Instructions.
8 Temperature response times strongly depend on the type of heat exchange, the available sensor surface and the design environment of the sensor in the final
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com