Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X-DIS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
9/18
Condition
Hex. code
Repeatability
mps
MSB
LSB
High
0.5
0x20
32
Medium
24
Low
2F
High
1
0x21
30
Medium
26
Low
2D
High
2
0x22
36
Medium
20
Low
2B
High
4
0x23
34
Medium
22
Low
29
High
10
0x27
37
Medium
21
Low
2A
e.g. 0x2130: 1 high repeatability mps - measurement per
second
Table 9 Measurement commands for periodic data
acquisition mode (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor). N.B.: At the
highest mps setting self-heating of the sensor might occur.
4.6
Readout of Measurement Results for
Periodic Mode
Transmission of the measurement data can be initiated
through the fetch data command shown in Table 10. If
no measurement data is present the I2C read header is
responded with a NACK (Bit 9 in Table 10) and the
communication stops. The fetch data command will
deliver the same data until a new measurement
updates the humidity and temperature values.
Command
Hex code
Fetch Data
0x E0 00
Table 10 Fetch Data command (Clear blocks are controlled
by the microcontroller, grey blocks by the sensor)
4.7
ART Command
The ART (accelerated response time) feature can be
activated by issuing the command in Table 11. After
issuing the ART command the sensor will start
acquiring data with a frequency of 4Hz.
The ART command is structurally similar to any other
command in Table 9. Hence section 4.5 applies for
starting a measurement, section 4.6 for reading out
data and section 4.8 for stopping the periodic data
acquisition.
The ART feature can also be evaluated using the
Evaluation Kit EK-H5 from Sensirion.
Command
Hex Code
Periodic Measurement with
ART
0x2B32
Table 11
Command for a periodic data acquisition with
the ART feature (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor).
4.8
Break command / Stop Periodic Data
Acquisition Mode
The periodic data acquisition mode can be stopped
using the break command shown in Table 12. It is
recommended to stop the periodic data acquisition prior
to sending another command (except Fetch Data
command) using the break command. Upon reception
of the break command the sensor enters the single shot
mode, after finishing the ongoing measurement. This
can take up to 15 ms, depending on the selected
repeatability.
Command
Hex Code
Break
0x3093
Table 12 Break command (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor).
4.9
Reset
A system reset of the SHT3x-DIS can be generated
externally by issuing a command (soft reset) or by
sending a pulse to the dedicated reset pin (nReset pin).
Additionally, a system reset is generated internally
during power-up. During the reset procedure the sensor
will not process commands.
S
W
I2C Address
1
2
3
4
5
6
7
8
9
Command MSB
1
2
3
4
5
6
7
8
9
Command LSB
10 11 12 13 14 15 16 17 18
16-bit command
I2C write header
S
W
I2C Address
1
2
3
4
5
6
7
8
9
Command MSB
1
2
3
4
5
6
7
8
9
Command LSB
10 11 12 13 14 15 16 17 18
16-bit command
I2C write header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com