Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT21P
Description  Humidity and Temperature Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT21P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT21P Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sensirion.com
Version 4 – May 2014
2/10
Sensor Performance
Relative Humidity123
Parameter
Condition
Value
Units
Resolution
12 bit
0.04
%RH
Accuracy
tolerance 1
typ
2.0
%RH
max
see Figure 2
%RH
Repeatability
0.1
%RH
Hysteresis
1
%RH
Nonlinearity
<0.1
%RH
Response time 2
 63%
8
s
Operating Range extended 3
0 to 100
%RH
Long Term Drift 4
Typ.
< 0.25
%RH/yr
± 0
± 2
± 4
± 6
± 8
± 10
0
10
20
30
40
50
60
70
80
90
100
Relative Humidity (%RH)
DRH (%RH)
maximum accuracy
typical accuracy
Figure 2 Typical and maximal tolerance at 25°C for relative
humidity. For extensive information see Users Guide, Sect. 1.2.
Electrical Specification
Parameter
Condition
min
typ
max Units
Supply Voltage, VDD
2.1
3.0
3.6
V
Supply Current, IDD 5
180
µA
Power Dissipation 5
0.54
mW
PWM frequency
40 °C
108
120
132
Hz
Temperature drift of
PWM frequency
-0.07
-0.12 Hz/°C
Measurement
Frequency
2
Hz
Switch RH/T on SDA SCL up  RH; SCL down  T
Table 1
Electrical specification. For absolute maximum
values see Chapter 4.1 of Users Guide.
1 Accuracies are tested at Outgoing Quality Control at 25°C and 3.0V. Values
exclude hysteresis and long term drift and are applicable to non-condensing
environments only.
2 Time for achieving 63% of a step function, valid at 25°C and 1 m/s airflow.
3 Normal operating range: 0-80%RH, beyond this limit sensor may read a
reversible offset with slow kinetics (+3%RH after 60h at humidity >80%RH). For
more details please see Section 1.1 of the Users Guide.
Temperature456
Parameter
Condition
Value
Units
Resolution
14 bit
0.01
°C
Accuracy
tolerance 1
typ
0.3
°C
max
see Figure 3
°C
Repeatability
0.1
°C
Operating Range extended 3
-40 to 125
°C
Response Time 6
 63%
5 to 30
s
Long Term Drift7
Typ.
< 0.02
°C/yr
± 0.0
± 0.5
± 1.0
± 1.5
± 2.0
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
DT (°C)
maximum accuracy
typical accuracy
Figure 3 Typical and maximal temperature accuracy tolerance
Packaging Information
Sensor Type
Packaging
Quantity
Order Number
SHT21P
Tape & Reel
400
1-100711-01
Tape & Reel
1500
1-100700-01
Tape & Reel
5000
1-100699-01
This datasheet is subject to change and may be amended
without prior notice.
4 4 Typical value for operation in normal RH/T operating range. Max. value is <
0.5 %RH/y. Value may be higher in environments with vaporized solvents, out-
gassing tapes, adhesives, packaging materials, etc. For more details please
refer to Handling Instructions.
5 Values of Supply Current and Power Dissipation are based upon fixed VDD =
3.0V and T = 25°C.
6 Response time depends on heat conductivity of sensor substrate.
7 Max. value is < 0.04°C/y.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com