Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT21P
Description  Humidity and Temperature Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT21P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT21P Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT21P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.sensirion.com
Version 4 – May 2014
1/10
Datasheet SHT21P
Humidity and Temperature Sensor IC
Fully calibrated
Analog output, PWM interface
Low power consumption
Excellent long term stability
DFN type package – reflow solderable
Dimensions
Figure 1: Drawing of SHT21P sensor package, dimensions
are given in mm (1mm = 0.039inch), tolerances are ±0.1mm.
The die pad (center pad) is internally connected to VSS. The NC
pads must be left floating. Numbering of E/O pads starts at lower
right corner (indicated by notch in die pad) and goes clockwise
(compare Table 2).
Sensor Chip
SHT21P features a generation 4C CMOSens® chip.
Besides the capacitive relative humidity sensor and the
band gap temperature sensor, the chip contains an
amplifier, A/D converter, OTP memory and a digital
processing unit.
Material Contents
While the sensor itself is made of Silicon the sensors’
housing consists of a plated Cu lead-frame and green
epoxy-based mold compound. The device is free of Pb, Cd
and Hg – hence it is fully RoHS and WEEE compliant.
Additional Information
Additional information such as Application Notes is
available from the web page www.sensirion.com/sht21.
For more information please contact Sensirion via
info@sensirion.com.
1.0
1.0
2.4
0.3
0.4
1.1
SCL
SDA
NC
NC
VSS
VDD
Bottom
View
3.0
2.2
1.4 max
0.3 typ
Product Summary
The SHT21 humidity and temperature sensor of Sensirion
has become an industry standard in terms of form factor
and intelligence: Embedded in a reflow solderable Dual
Flat No leads (DFN) package of 3 x 3mm foot print and
1.1mm height it provides calibrated, linearized sensor
signals in analog Pulse Width Modulated (PWM) format.
The SHT2x sensors contain a capacitive type humidity
sensor, a band gap temperature sensor and specialized
analog and digital integrated circuit – all on a single
CMOSens® chip. This yields in an unmatched sensor
performance in terms of accuracy and stability as well as
minimal power consumption.
PWM signal runs on a base frequency of 120Hz, the data
signal is provided on SDA line. Pulling SCL high or low
allows for switching between humidity and temperature,
respectively. The sensor measures twice per second. The
PWM signal may be converted to an analog ratiometric
interface by adding a low pass filter.
Every sensor is individually calibrated and tested. Lot
identification is printed on the sensor.
With this set of features and the proven reliability and
long-term stability, the SHT2x sensors offer an
outstanding performance-to-price ratio. For testing SHT2x
two evaluation kits EK-H4 and EK-H5 are available.


Similar Part No. - SHT21P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
Sensirion AG Switzerlan...
SHT21 SENSIRION-SHT21 Datasheet
413Kb / 14P
Humidity and Temperature Sensor IC
Version 5 - October 2022
logo
List of Unclassifed Man...
SHT21S ETC2-SHT21S Datasheet
422Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
More results

Similar Description - SHT21P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
IC HUMIDITY AND TEMPERATURE SENSOR
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
Temperature and Humidity sensor IC
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
Humidity and Temperature Sensor IC
Version 4 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com