Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTC1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SHTC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
3/14
1.1 RH Accuracy at Various Temperatures
Typical RH accuracy at 25°C is defined in Figure 2. For
other temperatures, typical accuracy has been evaluated
to be as displayed in Figure 4.
Figure 4 Typical accuracy of relative humidity measurements
given in %RH for temperatures 0 – 80°C.
1.2 Recommended Operating Conditions
The sensor shows best performance when operated within
recommended normal temperature and humidity range of
5 – 60 °C and 20 – 80 %RH, respectively. Long term
exposure to conditions outside normal range, especially at
high humidity, may temporarily offset the RH signal (e.g.
+3%RH after 60h at >80%RH). After returning into the
normal temperature and humidity range the sensor will
slowly come back to calibration state by itself. Prolonged
exposure to extreme conditions may accelerate ageing.
To ensure stable operation of the humidity sensor, the
conditions described in the document “SHTxx Assembly of
SMD Packages”, section “Storage and Handling
Instructions” regarding exposure to volatile organic
compounds have to be met. Please note as well that this
does apply not only to transportation and manufacturing,
but also to operation of the SHTC1.
2 Electrical Specifications
2.1 Electrical Characteristics
Default conditions of 25 °C and 1.8 V supply voltage apply to values in the table below, unless otherwise stated.
Parameter
Symbol
Conditions
Min
Typ.
Max
Units Comments
Supply voltage
VDD
1.62
1.8
1.98
V
-
Power-up/down level
VPOR
Static power supply
1.05
1.2
1.35
V
-
Supply current
IDD
Idle state
-
0.7
2.2
µA -
Measurement
-
385
465
µA
Average current consumption
while sensor is measuring10
Average
-
4.8
-
µA
Average current consumption
(continuous operation with one
measurement per second)10
Average power
consumption
-
Average
-
8.6
-
µW
Average power consumption
(continuous operation with one
measurement per second)10
Low level input voltage
VIL
-
-0.5
0.3 VDD
V
-
High level input voltage
VIH
-
0.7 VDD
VDD(max)
+ 0.5
V
-
Low level output voltage
VOL
3 mA sink current
-
-
0.2 VDD
-
-
Table 3 Electrical specifications.
10 These values can be reduced by using the low power measurement mode, see separate application note.
100 ±4.5 ±4
±4
±4
±4
±4 ±4.5 ±5
±5
90 ±4.5 ±4 ±3.5 ±3.5 ±3.5 ±3.5 ±4 ±4.5 ±5
80
±4 ±3.5 ±3
±3
±3 ±3.5 ±3.5 ±4 ±4.5
70
±4 ±3.5 ±3
±3
±3
±3 ±3.5 ±3.5 ±4
60 ±3.5 ±3
±3
±3
±3
±3
±3 ±3.5 ±3.5
50 ±3.5 ±3
±3
±3
±3
±3
±3
±3 ±3.5
40 ±3.5 ±3
±3
±3
±3
±3
±3
±3
±3
30 ±3.5 ±3
±3
±3
±3
±3
±3
±3
±3
20 ±3.5 ±3.5 ±3
±3
±3
±3
±3
±3
±3
10
±4
±4 ±3.5 ±3.5 ±3.5 ±3.5 ±3.5 ±3.5 ±3.5
0 ±4.5 ±4.5 ±4
±4
±4
±4
±4
±4
±4
0
10
20
30
40
50
60
70
80
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com