Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHTC1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
7/14
5.3 Starting a Measurement
A measurement communication sequence consists of a
START condition followed by the I2C header with the 7-bit
I2C device address and a write bit (write W: ‘0’). The
sensor indicates the proper reception of a byte by pulling
the SDA pin low (ACK bit) after the falling edge of the 8th
SCL clock. Then the sensor is ready to receive a 16-bit
measurement command. Again, the SHTC1 acknowledges
the proper reception of each byte with ACK condition. A
complete measurement cycle is presented in Figure 7.
With the acknowledgement of the measurement
command, the SHTC1 starts measuring humidity and
temperature.
5.4 Sensor Behavior during Measurement and
Clock Stretching
In general, the sensor does not respond to any I2C activity
during measurement, i.e. I2C read and write headers are
not acknowledged (NACK). However, when clock
stretching has been enabled by using a corresponding
measurement command, the sensor responds to a read
header with an ACK and subsequently pulls down the SCL
line until the measurement is complete. As soon as the
measurement is complete, the sensor starts sending the
measurement results.
During measurement, the sensor has a current
consumption according to Table 3.
For best possible repeatability of humidity and temperature
measurements, it is recommended to avoid any
communication on the I2C bus while the SHTC1 is
measuring. For more information, see application note
“SHTC1 Optimization of Repeatibility”.
5.5 Readout of Measurement Results
After a measurement command has been issued and the
sensor has completed the measurement, the master can
read the measurement results by sending a START
condition followed by an I2C read header. The sensor will
acknowledge the reception of the read header and send
two bytes of data followed by one byte CRC checksum
and another two bytes of data followed by one byte CRC
checksum. Each byte must be acknowledged by the
microcontroller with an ACK condition for the sensor to
continue sending data. If the SHTC1 does not receive an
ACK from the master after any byte of data, it will not
continue sending data.
Whether the sensor sends out humidity or temperature
data first depends on the measurement command that
was sent to the sensor to initiate the measurement (see
Table 9).
The I2C master can abort the read transfer with a NACK
condition after any data byte if it is not interested in
subsequent data, e.g. the CRC byte or the second
measurement result, in order to save time.
In case the user needs humidity and temperature data but
does not want to process CRC data, it is recommended to
read the first two bytes of data with the CRC byte (without
processing the CRC data) and abort the read transfer after
reading the second two data bytes with a NACK. This
procedure is more time efficient than starting two different
measurements and aborting the read transfer after the first
two data bytes each time.
5.6 Soft Reset
The SHTC1 provides a soft reset mechanism that forces
the system into a well-defined state without removing the
power supply. If the system is in idle state (i.e. if no
measurement is in progress) the soft reset command can
be sent to SHTC1 according to Figure 8. This triggers the
sensor to reset all internal state machines and reload
calibration data from the memory.
Command
Hex. Code
Bin. Code
Software reset
0x805D
1000’0000’0101’1101
Table 10 Soft reset command.
5.7 Read-out of ID Register
The SHTC1 has an ID register which contains an SHTC1-
specific product code. The read-out of the ID register can
be used to verify the presence of the sensor and proper
communication. The command to read the ID register is
shown in Table 11.
Command
Hex. Code
Bin. Code
Read ID register
0xEFC8
1110’1111’1100’1000
Table 11 Read-out command of ID register.
It needs to be sent to the SHTC1 after an I2C write header.
After the SHTC1 has acknowledged the proper reception
of the command, the master can send an I2C read header
and the SHTC1 will submit the 16-bit ID followed by 8 bits
of CRC. The structure of the ID is described in Table 12.
16-bit ID
xxxx'xxxx’xx 00’0111
bits 5 to 0: SHTC1-specific product code
bits 15 to 6: unspecified information
Table 12 Structure of the 16-bit ID. Bits 15:6 of the ID contain
unspecified information (marked as “x”), which may vary from
sensor to sensor, while bits 5:0 contain the SHTC1-specific
product code.
5.8 Checksum Calculation
The 8-bit CRC checksum transmitted after each data word
is generated by a CRC algorithm with the properties
displayed in Table 13. The CRC covers the contents of the
two previously transmitted data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com