Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SLG
Description  Ultra High Pressure Flow Sensor for LC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SLG Datasheet HTML 1Page - List of Unclassifed Manufacturers SLG Datasheet HTML 2Page - List of Unclassifed Manufacturers SLG Datasheet HTML 3Page - List of Unclassifed Manufacturers SLG Datasheet HTML 4Page - List of Unclassifed Manufacturers SLG Datasheet HTML 5Page - List of Unclassifed Manufacturers SLG Datasheet HTML 6Page - List of Unclassifed Manufacturers SLG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensirion.com
Version 4 – September 2015
5/7
4 Fluidic Connection
Table 5: Fluidic Specifications
Parameter
SLG-0025
SLG-0075
SLG-0150
Wetted Materials:
Internal sensor tube material
Fused Silica
Fitting material
Stainless Steel
Sealing material
PEEK
Fluid connector ports (Fittings)
Stainless steel 10-32 coned port for 1/16” OD tubing
Upchurch U-435, nanoViper™ compatible
Pressure drop (at full scale flow rate, H2O, 23°C)
2 bar
100 mbar
10 mbar
Total internal volume
100 nl
350 nl
1200 nl
For more information on the fluidic connection please find: “Application Note Sensor Ports and Tubing Connections” in the
Download Center on our webpage (www.sensirion.com/liquidflow-download).
5 Mechanical Specifications
Table 6: Mechanical Specifications
Parameter
SLG-0025
SLG-0075
SLG-0150
Largest dimensions
80 x 30 x 20 mm
Total mass
150 g
Inner diameter d
25 µm
75 µm
150 µm
Protection class
IP 53
All dimensions in mm
2x Upchurch U435
thread 10-32
SLG-0025 / SLG-0075 / SLG-0150
M8 4-pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com