Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLG
Description  Ultra High Pressure Flow Sensor for LC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLG Datasheet HTML 1Page - List of Unclassifed Manufacturers SLG Datasheet HTML 2Page - List of Unclassifed Manufacturers SLG Datasheet HTML 3Page - List of Unclassifed Manufacturers SLG Datasheet HTML 4Page - List of Unclassifed Manufacturers SLG Datasheet HTML 5Page - List of Unclassifed Manufacturers SLG Datasheet HTML 6Page - List of Unclassifed Manufacturers SLG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.sensirion.com
Version 4 – September 2015
1/7
SLG Liquid Flow Meter Series
Ultra High Pressure Flow Sensor for LC Applications
Ultra-low Flow Sensing in the Sub-µl/min Range
Operating Pressure up to 1200 bar (17500 psi)
40 ms Response Time
Product Summary
Interface Options
The SLG Liquid Flow Meter enables precise, bi-
directional measurements of dynamic liquid flow rates
in the nl/min to low µl/min range. This device has been
designed for ultra-high pressure applications in Liquid
Chromatography Systems (UHPLC). Excellent bio-
compatibility and chemical resistance is ensured by the
use of fused silica, stainless steel and PEEK for all
wetted parts.
Digital
- I2C-Bus
- RS485-Bus
- USB Cable
Analog
- Voltage Output (0-10 V)
- Additional operation
modes
For more information on communication, please refer
to page 2 of this document.
1 Sensing Performance
Table 1: Model specific performance of SLG (all data for medium H2O, 23°C)
Parameter
SLG-0025
SLG-0075
SLG-0150
Unit
Precision
Extended
H2O Full scale flow rate
1500
5000
20000
8000
nl/min
H2O Sensor output limita
1700
5500
2000/22000b
10500
nl/min
Accuracy below full scale
(whichever error is larger)
10
10
20
5
% of m.v.c
0.5
0.5
n/a
0.5
% of full scale
Repeatability below full scale
(whichever error is larger)
0.6
0.6
1.2
0.5
% of m.v.
0.06
0.03
n/a
0.05
% of full scale
Temperature coefficient
(additional error / °C; whichever is larger)
0.3
0.3
0.3
0.15
% m.v. / °C
0.03
0.03
n/a
0.015
% full scale / °C
Mounting orientation sensitivityd
-
-
-
<0.4
% of full scale
Flow detection response time
63
40
40
120
40
ms
Response time on power-up
120
ms
Operating temperature
+10…+50
°C
Ambient storage temperaturee
-10…+60
°C
Operating pressure
1200 (17500)
500 (7250)
Bar (psi)
a
Flow rate at which the sensor output saturates. See Section 2 for performance between full scale and saturation point
b
Lower/upper limit
c
Measured value
d
No dependence on the mounting orientation for SLG-0025 and SLG-0075. SLG-0150: maximum additional offset when mounted vertically.
e
Non-condensing, flow path empty


Similar Part No. - SLG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SLG RUBYCON-SLG Datasheet
244Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SLG RUBYCON-SLG Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
SHINMEI ELECTRIC CO., L...
SLG-12-465A SHINMEI-SLG-12-465A Datasheet
99Kb / 3P
3mm Travel Medium Current Slide Switch
logo
Richco, Inc.
SLG-1L-B RICHCO-SLG-1L-B Datasheet
30Kb / 1P
SNAP LATCH
logo
SHINMEI ELECTRIC CO., L...
SLG-22-465 SHINMEI-SLG-22-465 Datasheet
99Kb / 3P
3mm Travel Medium Current Slide Switch
More results

Similar Description - SLG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXC2011DT1 MOTOROLA-MPXC2011DT1 Datasheet
97Kb / 4P
High Volume Sensor for Low Pressure Applications
logo
Freescale Semiconductor...
MPX2300DT1 FREESCALE-MPX2300DT1 Datasheet
100Kb / 4P
High Volume Pressure Sensor For Disposable Applications
MPXC2011DT1 FREESCALE-MPXC2011DT1 Datasheet
125Kb / 4P
High Volume Sensor for Low Pressure Applications
MPX2301DT1 FREESCALE-MPX2301DT1 Datasheet
58Kb / 5P
High Volume Pressure Sensor for Disposable Applications
MPXC2012DT1 FREESCALE-MPXC2012DT1 Datasheet
61Kb / 5P
High Volume Sensor for Low Pressure Applications
MPX2300DT1 FREESCALE-MPX2300DT1_10 Datasheet
63Kb / 5P
High Volume Pressure Sensor for Disposable Applications
MPXC2011DT1 FREESCALE-MPXC2011DT1_10 Datasheet
63Kb / 5P
High Volume Sensor for Low Pressure Applications
MPXC2011DT1 FREESCALE-MPXC2011DT1_12 Datasheet
53Kb / 6P
High Volume Sensor for Low Pressure Applications
MPX2300DT1 FREESCALE-MPX2300DT1_12 Datasheet
52Kb / 6P
High Volume Pressure Sensor for Disposable Applications
logo
Greystone Energy System...
DPFS GREYSTONE-DPFS Datasheet
132Kb / 1P
DIFFERENTIAL PRESSURE FLOW SENSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com