Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB8U60G-T27-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB8U60G-T27-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB8U60G-T27-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB8U60G-T27-R Datasheet HTML 1Page - Unisonic Technologies SB8U60G-T27-R Datasheet HTML 2Page - Unisonic Technologies SB8U60G-T27-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB8U60
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-027.b
8A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB8U60 is a 8A schottky barrier rectifier, it uses UTC’s
advanced technology to provide the customers with sort, fast
switching capability and low forward voltage drop, etc.
FEATURES
* Sort, fast switching capability * High efficiency
* Low forward voltage drop
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
SB8U60L-T27-R
SB8U60G-T27-R
TO-277
A
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Common Cathode
MARKING


Similar Part No. - SB8U60G-T27-R

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB8 GREATECS-SB8 Datasheet
677Kb / 1P
Mini Slide Switches / Attenuator
logo
Hubbell Incorporated.
SB8 HUBBELL-SB8 Datasheet
104Kb / 1P
Straight Blade Devices Accessories
logo
Lumberg
SB8-LED3-333-10M LUMBERG-SB8-LED3-333-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
SB8-LED3-333-5M LUMBERG-SB8-LED3-333-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
logo
Sanyo Semicon Device
SB80-05 SANYO-SB80-05 Datasheet
71Kb / 3P
50V, 8A Rectifier
More results

Similar Description - SB8U60G-T27-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com