Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB240G-Z41-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB240G-Z41-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB240G-Z41-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB240G-Z41-R Datasheet HTML 1Page - Unisonic Technologies SB240G-Z41-R Datasheet HTML 2Page - Unisonic Technologies SB240G-Z41-R Datasheet HTML 3Page - Unisonic Technologies SB240G-Z41-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB240
Preliminary
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-199.d
2.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB240 is a Schottky Rectifier with high current capacity
and low forward voltage.
The UTC SB240 is suitable for polarity protection ,low voltage and
high frequency inverters and free wheeling applications
FEATURES
* High Current Capability
* Low Forward Voltage
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SB240L-SMA-R
SB240G-SMA-R
SMA
K
A
Tape Reel
SB240L-SMB-R
SB240G-SMB-R
SMB
K
A
Tape Reel
SB240L-SMC-R
SB240G-SMC-R
SMC
K
A
Tape Reel
-
SB240G-CA2-R
SOD-123
K
A
Tape Reel
-
SB240G-CB2-R
SOD-323
K
A
Tape Reel
SB240L-Z41-R
SB240G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel
(2) SMA: SMA, SMB: SMB, SMC: SMC
CA2: SOD-123, CB2: SOD-323, Z41: DO-41
(3) L: Lead Free, G: Halogen Free and Lead Free
SB240L-SMA-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - SB240G-Z41-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB240G-Z41-R UTC-SB240G-Z41-R Datasheet
122Kb / 4P
2.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB240G-Z41-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com